Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0804455
Description  PCB terminal block, Push-in spring connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT 0804455 Datasheet HTML 6Page - PHOENIX CONTACT 0804455 Datasheet HTML 7Page - PHOENIX CONTACT 0804455 Datasheet HTML 8Page - PHOENIX CONTACT 0804455 Datasheet HTML 9Page - PHOENIX CONTACT 0804455 Datasheet HTML 10Page - PHOENIX CONTACT 0804455 Datasheet HTML 11Page - PHOENIX CONTACT 0804455 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1719341 SPT 5/ 5-V-7,5-ZB
REF 1719312
PHOENIX CONTACT
8 / 14
2017-11-13
Product version 03
Document revision 0
10
Mechanical tests
Specification
IEC 60998-2-2:2002-12
Result
Test passed
10.1
Connection test
Specification
IEC 60998-2-2:2002-12
Result
Test passed
10.2
Electrical performance test
Specification
IEC 60998-2-2:2002-12
Result
Test passed
10.3
Check for damage to conductor or loosening
Specification
IEC 60998-2-2:2002-12
Result
Test passed
Conductor cross section/conductor type/tractive force actual value
0.2 mm² / solid / > 10 N
Conductor cross section/conductor type/tractive force actual value
0.2 mm² / stranded / > 10 N
Conductor cross section/conductor type/tractive force actual value
10 mm² / solid / > 90 N
Conductor cross section/conductor type/tractive force actual value
6 mm² / stranded / > 80 N
10.4
Pull-out test
Specification
IEC 60998-2-2:2002-12
Result
Test passed
10.5
Bending test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com