Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 0804455
Description  PCB terminal block, Push-in spring connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 0804455 Datasheet HTML 6Page - PHOENIX CONTACT 0804455 Datasheet HTML 7Page - PHOENIX CONTACT 0804455 Datasheet HTML 8Page - PHOENIX CONTACT 0804455 Datasheet HTML 9Page - PHOENIX CONTACT 0804455 Datasheet HTML 10Page - PHOENIX CONTACT 0804455 Datasheet HTML 11Page - PHOENIX CONTACT 0804455 Datasheet HTML 12Page - PHOENIX CONTACT 0804455 Datasheet HTML 13Page - PHOENIX CONTACT 0804455 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
REF 1719312
PHOENIX CONTACT 14 / 14
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
1719341 SPT 5/ 5-V-7,5-ZB
2017-11-13
Product version 03
Document revision 0
16
Commercial Data
Order No.
1719341
Type
SPT 5/ 5-V-7,5-ZB
Pieces per package
50
Net weight
18.69 g
GTIN
4046356141444
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Description
Order No.
Type
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-slip grip
1204517
SZF 1-0,6X3,5
1701535
RZ-SPT 5-4 V
Crimping pliers, for ferrules without insulating collar according to DIN
46228 Part 1 and ferrules with insulating collar according to DIN 46228 Part
4, 0.25 mm² ... 6.0 mm², lateral entry, trapezoidal crimp
1212034
CRIMPFOX 6
0804455
SK 7,5/3,8:FORTL.ZAHLEN
0825127
SK 3,8 REEL P7,5 WH CUS
17
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com