Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4AI Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 66Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 67Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 68Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 69Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 70Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 71Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 72Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 73Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
70
AT90S/LS8535
1041H–11/01
higher sampling rate. See “ADC Characteristics” on page 75 for more details. The ADC
module contains a prescaler, which divides the system clock to an acceptable ADC
clock frequency.
The ADPS2..0 bits in ADCSR are used to generate a proper ADC clock input frequency
from any CPU frequency above 100 kHz. The prescaler starts counting from the
moment the ADC is switched on by setting the ADEN bit in ADCSR. The prescaler
keeps running for as long as the ADEN bit is set and is continuously reset when ADEN
is low.
When initiating a conversion by setting the ADSC bit in ADCSR, the conversion starts at
the following rising edge of the ADC clock cycle.
A normal conversion takes 13 ADC clock cycles. In certain situations, the ADC needs
more clock cycles for initialization and to minimize offset errors. Extended conversions
take 25 ADC clock cycles and occur as the first conversion after the ADC is switched on
(ADEN in ADCSR is set).
The actual sample-and-hold takes place 1.5 ADC clock cycles after the start of a normal
conversion and 13.5 ADC clock cycles after the start of an extended conversion. When
a conversion is complete, the result is written to the ADC data registers and ADIF is set.
In Single Conversion Mode, ADSC is cleared simultaneously. The software may then
set ADSC again and a new conversion will be initiated on the first rising ADC clock
edge. In Free Running Mode, a new conversion will be started immediately after the
conversion completes, while ADSC remains high. Using Free Running Mode and an
ADC clock frequency of 200 kHz gives the lowest conversion time with a maximum res-
olution, 65 µs, equivalent to 15 kSPS. For a summary of conversion times, see Table
26.
Figure 47. ADC Timing Diagram, Extended Conversion (Single Conversion Mode)
Sign and MSB of result
LSB of result
ADC clock
ADSC
Sample & hold
ADIF
ADCH
ADCL
Cycle number
ADEN
1
212
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
Extended Conversion
Next
Conversion
3
MUX and REFS
update
MUX and REFS
update
Conversion
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com