Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4AI Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 11Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 12Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 13Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 14Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 15Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 16Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 17Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 18Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
15
AT90S/LS8535
1041H–11/01
Indirect Program Addressing,
IJMP and ICALL
Figure 18. Indirect Program Memory Addressing
Program execution continues at address contained by the Z-register (i.e., the PC is
loaded with the contents of the Z-register).
Relative Program Addressing,
RJMP and RCALL
Figure 19. Relative Program Memory Addressing
Program execution continues at address PC + k + 1. The relative address k is from -
2048 to 2047.
EEPROM Data Memory
The AT90S8535 contains 512 bytes of data EEPROM memory. It is organized as a sep-
arate data space, in which single bytes can be read and written. The EEPROM has an
endurance of at least 100,000 write/erase cycles. The access between the EEPROM
and the CPU is described on page 51 specifying the EEPROM address registers, the
EEPROM data register and the EEPROM control register.
For the SPI data downloading, see page 99 for a detailed description.
Memory Access Times
and Instruction
Execution Timing
This section describes the general access timing concepts for instruction execution and
internal memory access.
The AVR CPU is driven by the System Clock Ø, directly generated from the external
clock crystal for the chip. No internal clock division is used.
Figure 20 shows the parallel instruction fetches and instruction executions enabled by
the Harvard architecture and the fast-access register file concept. This is the basic pipe-
lining concept to obtain up to 1 MIPS per MHz with the corresponding unique results for
functions per cost, functions per clocks and functions per power-unit.
$FFF
$FFF
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com