Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4AI Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 36Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 37Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 38Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 39Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 40Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 41Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 42Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 43Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
40
AT90S/LS8535
1041H–11/01
OCR1AL or OCR1BL, the TEMP register is simultaneously written to OCR1AH or
OCR1BH. Consequently, the high byte OCR1AH or OCR1BH must be written first for a
full 16-bit register write operation.
The TEMP register is also used when accessing TCNT1 and ICR1. If the main program
and interrupt routines perform access to registers using TEMP, interrupts must be dis-
abled during access from the main program.
Timer/Counter1 Input Capture
Register – ICR1H AND ICR1L
The Input Capture Register is a 16-bit read-only register.
When the rising or falling edge (according to the input capture edge setting [ICES1]) of
the signal at the input capture pin (ICP) is detected, the current value of the
Timer/Counter1 is transferred to the Input Capture Register (ICR1). At the same time,
the input capture flag (ICF1) is set (one).
Since the Input Capture Register (ICR1) is a 16-bit register, a temporary register
(TEMP) is used when ICR1 is read to ensure that both bytes are read simultaneously.
When the CPU reads the low byte ICR1L, the data is sent to the CPU and the data of
the high byte ICR1H is placed in the TEMP register. When the CPU reads the data in
the high byte ICR1H, the CPU receives the data in the TEMP register. Consequently,
the low-byte ICR1L must be accessed first for a full 16-bit register read operation.
The TEMP register is also used when accessing TCNT1, OCR1A and OCR1B. If the
main program and interrupt routines perform access to registers using TEMP, interrupts
must be disabled during access from the main program.
Timer/Counter1 In PWM Mode
When the PWM mode is selected, Timer/Counter1, the Output Compare Register1A
(OCR1A) and the Output Compare Register1B (OCR1B) form a dual 8-, 9- or 10-bit,
free-running, glitch-free and phase-correct PWM with outputs on the PD5(OC1A) and
PD4(OC1B) pins. Timer/Counter1 acts as an up/down counter, counting up from $0000
to TOP (see Table 14), where it turns and counts down again to zero before the cycle is
repeated. When the counter value matches the contents of the 10 least significant bits of
OCR1A or OCR1B, the PD5(OC1A)/PD4(OC1B) pins are set or cleared according to
the settings of the COM1A1/COM1A0 or COM1B1/COM1B0 bits in the Timer/Counter1
Control Register (TCCR1A). Refer to Table 15 for details.
Note that if the Compare Register contains the TOP value and the prescaler is not in
use (CS12..CS10 = 001), the PWM output will not produce any pulse at all, because the
Bit
151413
12
1110
9
8
$27 ($47)
MSB
ICR1H
$26 ($46)
LSB
ICR1L
765
4321
0
Read/Write
R
RRR
RRR
R
R
RRR
RRR
R
Initial Value
000
0000
0
000
0000
0
Table 14. Timer TOP Values and PWM Frequency
PWM Resolution
Timer TOP value
Frequency
8-bit
$00FF (255)
f
TCK1/510
9-bit
$01FF (511)
fTCK1/1022
10-bit
$03FF(1023)
f
TCK1/2046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com