Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4AI Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 83Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 84Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 85Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 86Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 87Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 90Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 127 page
background image
87
AT90S/LS8535
1041H–11/01
Port D Data Register – PORTD
Port D Data Direction Register
– DDRD
Port D Input Pins Address –
PIND
The Port D Input Pins address (PIND) is not a register; this address enables access to
the physical value on each Port D pin. When reading PORTD, the Port D Data Latch is
read and when reading PIND, the logical values present on the pins are read.
Port D As General Digital I/O
PDn, general I/O pin: The DDDn bit in the DDRD register selects the direction of this pin.
If DDDn is set (one), PDn is configured as an output pin. If DDDn is cleared (zero), PDn
is configured as an input pin. If PDn is set (one) when configured as an input pin, the
MOS pull-up resistor is activated. To switch the pull-up resistor off, the PDn has to be
cleared (zero) or the pin has to be configured as an output pin.The port pins are tri-
stated when a reset condition becomes active, even if the clock is not running.
Note:
n: 7,6…0, pin number.
Alternate Functions of Port D
• OC2 – Port D, Bit 7
OC2, Timer/Counter2 output compare match output: The PD7 pin can serve as an
external output for the Timer/Counter2 output compare. The pin has to be configured as
an output (DDD7 set [one]) to serve this function. See the timer description on how to
enable this function. The OC2 pin is also the output pin for the PWM mode timer
function.
• ICP – Port D, Bit 6
IC P – Input Capture Pin: Th e PD6 pin can act as an input capture pin for
Timer/Counter1. The pin has to be configured as an input (DDD6 cleared [zero]) to
serve this function. See the timer description on how to enable this function.
Bit
7
65
43
21
0
$12 ($32)
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
PORTD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
$11 ($31)
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
DDRD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
$10 ($30)
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
PIND
Read/Write
RR
RR
RR
RR
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 34. DDDn Bits on Port D Pins
DDDn
PORTDn
I/O
Pull-up
Comment
0
0
Input
No
Tri-state (high-Z)
0
1
Input
Yes
PDn will source current if ext. pulled low
1
0
Output
No
Push-pull Zero Output
1
1
Output
No
Push-pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com