Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFSC5G35D35 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFSC5G35D35
Description  Power Amplifier Module for LTE and 5G
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35D35 Datasheet(HTML) 1 Page - NXP Semiconductors

  AFSC5G35D35 Datasheet HTML 1Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AFSC5G35D35
1
RF Device Data
NXP Semiconductors
Power Amplifier Module for LTE and
5G
The AFSC5G35D35 is a fully integrated Doherty power amplifier module
designed for wireless infrastructure applications that demand high
performance in the smallest footprint. Ideal for applications in massive MIMO
systems, outdoor small cells, and low power remote radio heads. The
field--proven LDMOS power amplifiers are designed for TDD and FDD LTE
systems.
 Typical LTE Performance: Pout =3 WAvg., VDD =24 Vdc,1  20 MHz LTE,
Input Signal PAR = 8 dB @ 0.01% Probability on CCDF.(1)
Carrier Center
Frequency
Gain
(dB)
ACPR
(dBc)
PAE
(%)
3400 MHz
25.3
–27.6
37.1
3500 MHz
24.9
–30.8
36.7
3600 MHz
24.7
–32.9
35.4
1. All data measured with device soldered in NXP reference circuit.
Features
 Frequency: 3400–3600 MHz
 Advanced high performance in--package Doherty
 Fully matched (50 ohm input/output, DC blocked)
 Designed for low complexity analog or digital linearization systems
Document Number: AFSC5G35D35
Rev. 2, 05/2019
NXP Semiconductors
Technical Data
3400–3600 MHz, 26 dB, 3 W Avg.
AIRFAST POWER AMPLIFIER
MODULE
AFSC5G35D35
10 mm 6 mm Module
 2018–2019 NXP B.V.


Similar Part No. - AFSC5G35D35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFSC5G35D37 NXP-AFSC5G35D37 Datasheet
418Kb / 12P
Power Amplifier Module for LTE and 5G
Rev. 3, 05/2019
More results

Similar Description - AFSC5G35D35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFSC5G23D37 NXP-AFSC5G23D37 Datasheet
400Kb / 12P
Power Amplifier Module for LTE and 5G
Rev. 1, 05/2019
A3M35TL039 NXP-A3M35TL039 Datasheet
469Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 2, 12/2020
A3M37TL039 NXP-A3M37TL039 Datasheet
469Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 2, 12/2020
A3M39TL039 NXP-A3M39TL039 Datasheet
466Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 0, 11/2020
AFSC5G23E37 NXP-AFSC5G23E37 Datasheet
429Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 0, 04/2021
AFSC5G26E38 NXP-AFSC5G26E38 Datasheet
436Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 3, 09/2020
AFSC5G26E39 NXP-AFSC5G26E39 Datasheet
427Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 1, 09/2020
AFSC5G26F38 NXP-AFSC5G26F38 Datasheet
429Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 2, 09/2020
AFSC5G35E38 NXP-AFSC5G35E38 Datasheet
441Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 1, 09/2020
AFSC5G37E38 NXP-AFSC5G37E38 Datasheet
449Kb / 16P
Power Amplifier Module for LTE and 5G
Rev. 0, 08/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com