Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6800X Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 8Page - ASIX Electronics Corporation AX6800X Datasheet HTML 9Page - ASIX Electronics Corporation AX6800X Datasheet HTML 10Page - ASIX Electronics Corporation AX6800X Datasheet HTML 11Page - ASIX Electronics Corporation AX6800X Datasheet HTML 12Page - ASIX Electronics Corporation AX6800X Datasheet HTML 13Page - ASIX Electronics Corporation AX6800X Datasheet HTML 14Page - ASIX Electronics Corporation AX6800X Datasheet HTML 15Page - ASIX Electronics Corporation AX6800X Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
12
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
1.0 Introduction
1.1 General Description
AX6800x, Single Chip Micro-controller with USB Host and Multiple
Addressed Device Controller, is a
System-on-Chip (SoC) solution which offers high performance CPU architecture with on-chip 128KB Flash
memory as Program Memory, on-chip 32KB Data Memory for CPU, built in one USB host controller and one
USB root hub that supports four downstream ports compliant with USB2.0 Full/Low Speed Standard, 4 Device
Controllers compliant with USB2.0 Full Speed Standard, and rich peripheral interfaces for wide varieties of
application which need bridge to the USB interface.
The CPU architecture of AX6800x utilizes the USB protocols maintenance for those upstream and downstream
ports to the external USB Host and Device and performs packet translation between upstream and downstream
ports. The Root Hub provided all the transactions scheduling and management with CPU to maintain to the all
adapted USB devices. The Host and Device controller with DMA engine provide the data transmission between
the USB bus from/to on-chip 32KB SRAM.
In addition to stand-alone application, AX6800x with USB protocol suite running on-chip and various serial host
interfaces supported, High Speed UART or High Speed SPI, can be used as a data bridge from/to USB interface in
an embedded system.
A 12 MHz crystal is needed for internal 96 MHz PLL to provide the 48 and 12 MHz for USB related and the
typical operating frequency of AX6800x is 48 or 96MHz. AX6800x also integrates power-on reset circuit on-chip
that can simplify external reset circuit on PCB and prevent the program code corrupt in Flash memory.
AX6800x is available in 100-pin LQFP or 64-pin QFN RoHS compliant package and the recommended operating
temperature range is 0 to 70°C.
AX6800x provides cost effective solution to enable simple, easy, and low cost integration capability for KVM
applications. It could also provide highly programmable flexibility and compatibility.
1.2 Product Selection Guide
Below table shows the major differences among the 2 available part numbers.
Part Number
Flash Program
Memory (bytes)
CPU SRAM
Data Memory
(bytes)
USB
Host/Device
Ports
GPIO
Package
Operating
Temperature
AX68002 QF
128K
32K
2+2
16
64-pin QFN
0 to 70°C
AX68004 LF
128K
32K
4+4
32
100-pin LQFP
0 to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com