Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6800X Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 37Page - ASIX Electronics Corporation AX6800X Datasheet HTML 38Page - ASIX Electronics Corporation AX6800X Datasheet HTML 39Page - ASIX Electronics Corporation AX6800X Datasheet HTML 40Page - ASIX Electronics Corporation AX6800X Datasheet HTML 41Page - ASIX Electronics Corporation AX6800X Datasheet HTML 42Page - ASIX Electronics Corporation AX6800X Datasheet HTML 43Page - ASIX Electronics Corporation AX6800X Datasheet HTML 44Page - ASIX Electronics Corporation AX6800X Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
41
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.1.5 USB Transceivers Specification
The below specifications are measured under the following conditions, unless stated otherwise:
VDDIO = VDDA_USB = 3.3 V; VDDK = 1.8 V; external pull-up 1.5KΩ or external pull-down 15KΩ;
external
series resistances (Rs=27Ω); Ta = 25 °C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Analog Inputs/Outputs (U[3:0]_DP, U[3:0]_DM, D[3:0]_DP, D[3:0]_DM)
VDI
Differential Input Sensitivity
|VDP-VDM|
0.2
-
-
V
VCM
Differential Common-Mode
Voltage
Includes VDI range
0.8
-
2.5
V
VILSE
Single-Ended input Low Voltage
-
-
-
0.8
V
VIHSE
Single-Ended input High
Voltage
-
2.0
-
-
V
VOL
Output-Voltage Low
RL = 1.5K
Ωto +3.6V
-
-
0.3
V
VOH
Output-Voltage High
RL = 15K
Ωto VSS
2.8
-
-
V
ILZ
Off-State Leakage Current
-10
-
10
uA
ZDRV
Driver Output Impedance
Steady-state drive
24
-
44
Ω
RPU
Internal Pull-up Resistance
0.89
1.575
KΩ
RPD
Internal Pull-down Resistance
14.25
35
KΩ
AC Specification
TFR
Full-Speed Rise Time
10% to 90% of |VOH - VOL|,
CL=50pF
4
-
20
ns
TFF
Full-Speed Fall Time
90% to 10% of |VOH -
VOL|, CL=50pF
4
-
20
ns
TLR
Low-Speed Rise Time
10% to 90% of |VOH - VOL|,
CL=200pF ~ 600pF
75
-
300
ns
TLF
Low-Speed Fall Time
90% to 10% of |VOH -
VOL|, CL=200pF ~ 600pF
75
-
300
ns
TRFM
Rise/Fall-Time Matching
Excluding the first
transition from idle state
90
-
111
%
VCRS
Output-Signal Crossover
Voltage
Excluding the first
transition from idle state
1.3
-
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com