Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6800X Datasheet(PDF) 44 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 44 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 40Page - ASIX Electronics Corporation AX6800X Datasheet HTML 41Page - ASIX Electronics Corporation AX6800X Datasheet HTML 42Page - ASIX Electronics Corporation AX6800X Datasheet HTML 43Page - ASIX Electronics Corporation AX6800X Datasheet HTML 44Page - ASIX Electronics Corporation AX6800X Datasheet HTML 45Page - ASIX Electronics Corporation AX6800X Datasheet HTML 46Page - ASIX Electronics Corporation AX6800X Datasheet HTML 47Page - ASIX Electronics Corporation AX6800X Datasheet HTML 48Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
44
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.4 Power-up/-down Sequence
Power-up Sequence
Symbol
Parameter
Conditions
Min
Typ
Max Units
Trise3 3.3V power supply rise time.
From 0V to 3.3V.
-
1.5
-
ms
Trise2 1.8V power supply rise time.
From 0V to 1.8V.
-
240
-
us
T23
VDDK rising to 1.8V to VDDIO
rising to 3.3V interval.
-
1.2
-
ms
Tclk
12MHz crystal oscillator start-up
time.
From VDDIO rising to 3.3V to
clock stable of 12MHz crystal
oscillator.
-
2.0
-
ms
Trst
POR asserted low level interval.
From VDDK rising to 1.8V to
POR going high.
-
920
-
us
Note:
1.
The above typical timing data is measured from AX6800x test board.
2.
The Trst typical value is measured from AX6800x test board with the internal POR.
Figure 4-1: Power-up Sequence Timing Diagram and Table
0V
3.3V
Trise3
0V
1.8V
Trise2
T23
Tclk
Trst
VDDK/VDDA_PLL
/VDD_FLASH
VDDIO/VDDA_USB
POR
XIN
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com