Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6800X Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 19Page - ASIX Electronics Corporation AX6800X Datasheet HTML 20Page - ASIX Electronics Corporation AX6800X Datasheet HTML 21Page - ASIX Electronics Corporation AX6800X Datasheet HTML 22Page - ASIX Electronics Corporation AX6800X Datasheet HTML 23Page - ASIX Electronics Corporation AX6800X Datasheet HTML 24Page - ASIX Electronics Corporation AX6800X Datasheet HTML 25Page - ASIX Electronics Corporation AX6800X Datasheet HTML 26Page - ASIX Electronics Corporation AX6800X Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.0 Function Description
2.1 Clock Generation
AX6800x requires an external 12MHz crystal as the main clock source. The clock source provides the reference
timing to the internal 96MHz PLL (Phase-Locked Loop) block to generate 96MHz clock. The 96MHz clock can be
divided to 48 and 12MHz clock. The SYSCK_SEL input is used to select the operating system clock frequency
between 48MHz and 96MHz. The 12MHz and 48MHz can be used as the clock source for the USB process to
handle the data transmission and some USB protocol scheme. The recommended reference frequency of external
12MHz Crystal is 12MHz +/-50ppm, 45 ~ 55% clock duty cycle.
2.2 Reset Generation
During the VDDIO power-on, the internal Power-On-Reset (POR) can generate a reset pulse to reset all the
function blocks, including Flash memory, CPU Core and all the peripherals, when the VDDIO power pin rises to
certain threshold voltage level. The RST_N input is “AND” operating with the POR output so the manual reset
event can be applied by external system circuitry.
NOTICE: Due to AX6800x needs to be supplied dual powers for all IO and core powers and the POR is designed
to detect the VDDIO power only. It is important to make sure the VDDK stabled before VDDIO ramp up or down
cross the Vrr and Vfr voltages. Suggested the VDDIO and VDDK are from same power source and use LDO
regulator for 1.8V power source (Drop Out voltage ≤ 0.3 V) on the board level design. Please reference Section 4.3
and 4.4 for the detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com