Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR533 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 23Page - NXP Semiconductors PR533 Datasheet HTML 24Page - NXP Semiconductors PR533 Datasheet HTML 25Page - NXP Semiconductors PR533 Datasheet HTML 26Page - NXP Semiconductors PR533 Datasheet HTML 27Page - NXP Semiconductors PR533 Datasheet HTML 28Page - NXP Semiconductors PR533 Datasheet HTML 29Page - NXP Semiconductors PR533 Datasheet HTML 30Page - NXP Semiconductors PR533 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
27 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
10.23 Timing for the I2C-bus interface
[1]
The PR533 has a slope control according to the I2C-bus specification for the Fast mode. The slope control
is always present and not dependent of the I2C-bus speed.
[2]
27.12 MHz quartz starts in less than 800
s. For example, quartz like TAS-3225A, TAS-7 or KSS2F with
appropriate layout.
[3]
The PR533 has an internal hold time of around 270 ns for the SDA signal to bridge the undefined region of
the falling edge of P50_SCL.
Fig 7.
I2C-bus parameters
Table 35.
I2C-bus timing specification
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
-
400
kHz
tHD;STA
hold time (repeated) START condi-
tion
after this period, the
first clock pulse is
generated
600
-
-
ns
tSU;STA
set-up time for a repeated START
condition
600
-
-
ns
tSU;STO
set-up time for STOP condition
600
-
-
ns
tLOW
LOW period of the SCL clock
P50_SCL
1300 -
-
ns
tHIGH
HIGH period of the SCL clock
P50_SCL
600
-
-
ns
tHD;DAT
data hold time
0
-
900
ns
tSU;DAT
data set-up time
100
-
-
ns
tr
rise time of both SDA and SCL sig-
nals
P50_SCL
[1] 20
-
300
ns
tf
fall time of both SDA and SCL sig-
nals
P50_SCL
[1] 20
-
300
ns
tBUF
bus free time between a STOP
and START condition
1.3
-
-
ms
tstretch
stretch time
stretching time on
P50_SCL when
woken-up on its
own address
[2]
--
1
ms
th
hold time
internal for SDA
330
-
590
ns
internal for SDA in
SPD mode
[3]
-270
-ns
001aaj635
SDA
tf
SCL
tLOW
tf
tSP
tr
tHD;STA
tHD;DAT
tHD;STA
tr
tHIGH
tSU;DAT
SSr
P
S
tSU;STA
tSU;STO
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com