Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR533 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 3 Page - NXP Semiconductors

  PR533 Datasheet HTML 1Page - NXP Semiconductors PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
3 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
Dedicated I/O ports for external device control
3.
Quick reference data
[1]
VDDD, VDDA and VDD(TVDD) must always be at the same supply voltage.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBUS
bus supply voltage
4.02
5
5.25
V
(non-USB mode);
VBUS =VDDD; VSSD =0V
2.5
3.3
3.6
V
VDDA
analog supply voltage
VDDA = VDDD = VDD(TVDD) =
VDD(PVDD); VSSA = VSSD =
VSS(PVSS) = VSS(TVSS) = 0 V
[1] 2.5
3.3
3.6
V
VDDD
digital supply voltage
[1] 2.5
3.3
3.6
V
VDD(TVDD)
TVDD supply voltage
[1] 2.5
3.3
3.6
V
VDD(PVDD)
PVDD supply voltage
1.6
-
3.6
V
VDD(SVDD)
SVDD supply voltage
VSSA = VSSD = VSS(PVSS) =
VSS(TVSS) = 0 V; reserved for
future use
VDDD 0.1 -
VDDD
V
IBUS
bus supply current
maximum load current (USB
mode); measured on VBUS
150
mA
maximum inrush current lim-
itation; at power-up
(curlimoff = 0)
100
mA
Ipd
power-down current
VDDA = VDDD = VDD(TVDD) = VDD(PVDD) = 3 V; not powered from USB
hard power-down;
RF level detector off
10
A
soft power-down; RF level
detector on
30
A
ICCSL
suspended low-power
device supply current
RF level detector on, (with-
out resistor on DP/DM)
--
250
A
IDDD
digital supply current
RF level detector on,
VDD(SVDD) switch off
[1] -15
-
mA
IDD(SVDD)
SVDD supply current
VDDS = 3 V
-
-
30
mA
IDDA
analog supply current
RF level detector on
-
6
-
mA
IDD(TVDD)
TVDD supply current
during RF transmission;
VDD(TVDD) =3 V
-60
100
mA
Ptot
total power dissipation
Tamb = 30 to +85 C-
-
0.55
W
Tamb
ambient temperature
30
-
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com