Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR533 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors PR533 Datasheet HTML 10Page - NXP Semiconductors PR533 Datasheet HTML 11Page - NXP Semiconductors PR533 Datasheet HTML 12Page - NXP Semiconductors PR533 Datasheet HTML 13Page - NXP Semiconductors PR533 Datasheet HTML 14Page - NXP Semiconductors PR533 Datasheet HTML 15Page - NXP Semiconductors PR533 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
12 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
10.5 RSTPD_N input pin characteristics
10.6 Input pin characteristics for I0, I1 and TESTEN
[1]
To minimize power consumption when in soft power-down mode, the limit is VDDD  0.4 V.
[2]
To minimize power consumption when in soft power-down mode, the limit is 0.4 V.
[3]
TESTEN should never be set to high level in the application. It is used for production test purpose only. It is
recommended to connect TESTEN to ground although there is a pull-down included.
Table 12.
RSTPD_N input pin characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input volt-
age
VDD(PVDD) 0.4 -
VDD(PVDD) V
VIL
LOW-level input volt-
age
0-
0.4
V
IIH
HIGH-level input cur-
rent
VI =VDD(PVDD)
1-
1
A
IIL
LOW-level input current VI = 0 V
1-
1
A
Ci
input capacitance
-
2.5
-
pF
Table 13.
Input pin characteristics for I0, I1 and TESTEN
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
[1] 0.7
 V
DDD
-VDDD
V
VIL
LOW-level input voltage
[2] 00.3
 V
DDD
V
IIH
HIGH-level input current
I0 and I1;
VI =VDDD
[3]
1-
1
A
IIL
LOW-level input current
VI =0 V
1-
1
A
Ci
input capacitance
-
2.5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com