Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L120 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL43L120 Datasheet HTML 2Page - Intersil Corporation ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation ISL43L120 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6091.1
November 3, 2004
Detailed Description
The ISL43L12X family of devices are bidirectional, single
pole/single throw (SPST) analog switches that offer precise
switching capability from a single 1.65V to 3.6V supply with
low on-resistance (0.16
Ω) and high speed operation
(tON = 13ns, tOFF = 13ns). The device is especially well
suited for portable battery powered equipment due to its low
operating supply voltage (1.65V), low power consumption
(2.7
µW max), low leakage currents (80nA max), and the tiny
TDFN and MSOP packaging. The ultra low on-resistance and
RON flatness provide very low insertion loss and distortion to
application that require signal reproduction.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 7). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and the input signal
voltages must remain between V+ and GND. If these
conditions cannot be guaranteed, then one of the following
two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
Ω
resistor in series with the input (see Figure 7). The resistor
limits the input current below the threshold that produces
permanent damage, and the sub-microamp input current
produces an insignificant voltage drop during normal
operation.
FIGURE 3. OFF ISOLATION TEST CIRCUIT
FIGURE 4. RON TEST CIRCUIT
FIGURE 5. CROSSTALK TEST CIRCUIT
FIGURE 6. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
INX
GND
V+
C
0V or V+
NO or NC
COM
IN
GND
VNX
V1
RON = V1/100mA
1mA
0V or V+
ANALYZER
V+
C
NO1 or NC1
SIGNAL
GENERATOR
RL
GND
IN1
COM1
IN2
50
Ω
0V or V+
NC
COM2
NO2 or NC2
V+
C
GND
NO or NC
COM
INX
IMPEDANCE
ANALYZER
0V or V+
ISL43L120, ISL43L121, ISL43L122



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com