Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L120 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation ISL43L120 Datasheet HTML 10Page - Intersil Corporation ISL43L120 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6091.1
November 3, 2004
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 12. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN - OFF TIME vs SUPPLY VOLTAGE
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
VCOM (V)
01
23
4
ICOM = 100mA
V+ = 2.7V
V+ = 1.8V
V+ = 3.6V
V+ = 3V
V+ = 3V
VCOM (V)
00.5
11.5
22.5
3
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
25
°C
85
°C
-40
°C
ICOM = 100mA
0
0.5
1
1.5
2
VCOM (V)
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
0.1
0.15
0.2
0.25
0.3
-250
-200
-150
-100
-50
0
50
00.511.522.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
0
10
20
30
40
50
60
70
80
V+ (V)
1
1.5
2
2.5
33.5
44.5
85
°C
-40
°C
25
°C
0
10
20
30
40
50
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
85
°C
-40
°C
25
°C
ISL43L120, ISL43L121, ISL43L122



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com