Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L120 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation ISL43L120 Datasheet HTML 10Page - Intersil Corporation ISL43L120 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6091.1
November 3, 2004
ISL43L120, ISL43L121, ISL43L122
Mini Small Outline Plastic Packages (MSOP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-187BA.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs and are measured at Datum Plane. Mold flash, protrusion
and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions
and are measured at Datum Plane.
Interlead flash and
protrusions shall not exceed 0.15mm (0.006 inch) per side.
5. Formed leads shall be planar with respect to one another within
0.10mm (0.004) at seating Plane.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total in excess
of “b” dimension at maximum material condition. Minimum space
between protrusion and adjacent lead is 0.07mm (0.0027 inch).
10. Datums
and
to be determined at Datum plane
.
11. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.
L
0.25
(0.010)
L1
R1
R
4X
θ
4X
θ
GAUGE
PLANE
SEATING
PLANE
E
E1
N
12
TOP VIEW
INDEX
AREA
-C-
-B-
0.20 (0.008)
A B C
SEATING
PLANE
0.20 (0.008)
C
0.10 (0.004)
C
-A-
-H-
SIDE VIEW
b
e
D
A
A1
A2
-B-
END VIEW
0.20 (0.008)
C D
E1
CL
C
a
- H -
-A -
- B -
- H -
M8.118 (JEDEC MO-187AA)
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.037
0.043
0.94
1.10
-
A1
0.002
0.006
0.05
0.15
-
A2
0.030
0.037
0.75
0.95
-
b
0.010
0.014
0.25
0.36
9
c
0.004
0.008
0.09
0.20
-
D
0.116
0.120
2.95
3.05
3
E1
0.116
0.120
2.95
3.05
4
e
0.026 BSC
0.65 BSC
-
E
0.187
0.199
4.75
5.05
-
L
0.016
0.028
0.40
0.70
6
L1
0.037 REF
0.95 REF
-
N8
8
7
R
0.003
-
0.07
-
-
R1
0.003
-
0.07
-
-
0
5o
15o
5o
15o
-
α
0o
6o
0o
6o
-
Rev. 2 01/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com