Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L120 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation ISL43L120 Datasheet HTML 10Page - Intersil Corporation ISL43L120 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6091.1
November 3, 2004
ISL43L120, ISL43L121, ISL43L122
Thin Dual Flat No-Lead Plastic Package (TDFN)
//
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
FOR EVEN TERMINAL/SIDE
e
CL
TERMINAL TIP
L1
10 L
L8.3x3A
8 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.25
0.30
0.35
5,8
D
3.00 BSC
-
D2
2.20
2.30
2.40
7,8
E
3.00 BSC
-
E2
1.40
1.50
1.60
7,8
e
0.65 BSC
-
k0.25
-
-
-
L
0.20
0.30
0.40
8
L1
-
-
0.15
1
N8
2
Nd
4
3
Rev. 2 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.
10. COMPLIANT TO JEDEC MO-229-WEEC-1 except for
dimensions E2 & D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com