Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2602 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 22Page - NXP Semiconductors SL2S2602 Datasheet HTML 23Page - NXP Semiconductors SL2S2602 Datasheet HTML 24Page - NXP Semiconductors SL2S2602 Datasheet HTML 25Page - NXP Semiconductors SL2S2602 Datasheet HTML 26Page - NXP Semiconductors SL2S2602 Datasheet HTML 27Page - NXP Semiconductors SL2S2602 Datasheet HTML 28Page - NXP Semiconductors SL2S2602 Datasheet HTML 29Page - NXP Semiconductors SL2S2602 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
26 / 55
The INVENTORY READ command provides two modes which are defined by the most
significant bit of the mask length byte as follows:
• Standard mode (MSB mask length byte equal 0)
The standard mode of the INVENTORY READ command is fully backward compatible
to the ICODE SLI and ICODE SLIX (refer to Section "8.4.3.10.1. Standard mode")
• Extended mode (MSB mask length byte equal 1)
The extended mode offers additional features to optimize the inventory procedure for
different requirements (refer to Section "8.4.3.10.2 Extended Mode")
8.4.3.10.1 Standard mode
If MSB mask length byte equal 0 the INVENTORY READ command is used in the
standard mode.
If the Inventory_flag is set to 1 and an error is detected, the ICODE SLIX2 IC remains
silent.
If the Option flag is set to logic 0, n blocks of data are re-transmitted. If the Option flag
is set to 1, n blocks of data and the part of the UID which is not part of the mask are re-
transmitted.
The request contains:
• Flags
• INVENTORY READ command code
• IC manufacturer code
• AFI (if AFI flag set)
• Mask length (most significant bit equal 0)
• Mask value (if mask length > 0)
• First block number to be read
• Number of blocks to be read
• CRC 16
Table 42. INVENTORY READ request format
SOF Flags INVENTORY
READ
IC Mfg
code
AFI
Mask
length
Mask
value
First
block
number
Number
of blocks
CRC16
EOF
-
8 bits
8 bits
8 bits
8 bits
optional
8 bits
0 to 64
bits
8 bits
8 bits
16 bits
-
If the Inventory_flag is set to logic 1, only tags in the READY or SELECTED state will
respond (same behavior as in the INVENTORY command). The meaning of flags 5 to 8
is in accordance with table 5 in ISO/IEC 15693-3.
The INVENTORY READ command can also be transmitted in the addressed or selected
mode (refer to "Section 8.4.3.10.3 Addressed and selected mode).
The number of blocks in the request is one less than the number of blocks that the
ICODE SLIX2 IC returns in its response.
If the Option flag in the request is set to logic 0 the response contains:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com