Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2602 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 42Page - NXP Semiconductors SL2S2602 Datasheet HTML 43Page - NXP Semiconductors SL2S2602 Datasheet HTML 44Page - NXP Semiconductors SL2S2602 Datasheet HTML 45Page - NXP Semiconductors SL2S2602 Datasheet HTML 46Page - NXP Semiconductors SL2S2602 Datasheet HTML 47Page - NXP Semiconductors SL2S2602 Datasheet HTML 48Page - NXP Semiconductors SL2S2602 Datasheet HTML 49Page - NXP Semiconductors SL2S2602 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
46 / 55
14 Bare die outline
aaa-016467
not to scale!
(1)
(7)
(2)
(8)
(5)
(6)
(4)
(3)
Y
X
GND
LA
LB
TEST
(9)
(10)
(1) X-scribe line width: 15 μm
(2) Y-scribe line width: 15 μm
(3) Chip step, X-length: 555 μm
(4) Chip step, Y-length: 558 μm
(5) Bump to bump distance X (LA - LB): 430 μm
(6) Bump to bump distance Y (LB - TEST): 371.5 μm
(7) Distance GND bump to nitride edge X: 45 μm
(8) Distance GND bump to nitride edge Y: 45 μm
(9) Distance LA bump to nitride edge X: 55 μm
(10) Bump to bump distance X (GND - TEST): 450 μm
Bump size LA and LB (X × Y): 80 μm × 80 μm
Bump size TEST and GND (X × Y): 60 μm × 60 μm
Figure 8. Wafer SL2S2602FUD/BG bare die layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com