Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2602 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 32Page - NXP Semiconductors SL2S2602 Datasheet HTML 33Page - NXP Semiconductors SL2S2602 Datasheet HTML 34Page - NXP Semiconductors SL2S2602 Datasheet HTML 35Page - NXP Semiconductors SL2S2602 Datasheet HTML 36Page - NXP Semiconductors SL2S2602 Datasheet HTML 37Page - NXP Semiconductors SL2S2602 Datasheet HTML 38Page - NXP Semiconductors SL2S2602 Datasheet HTML 39Page - NXP Semiconductors SL2S2602 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
36 / 55
Bit
Name
Feature
10
ORIGINALITY
SIG PP
Password protection for READ SIGNATURE command
supported (refer to Section 9.5.3.20 "READ SIGNATURE")
11
P QUIET
STAY QUIET PERSISTENT command supported (refer to Table
note [9.5.3.19]
12
-
RFU
13
PRIVACY
ENABLE PRIVACY command supported (refer to Section 9.5.3.9
"ENABLE PRIVACY")
14
DESTROY
DESTROY command supported (refer to Section 9.5.3.8
"DESTROY")
15-31
-
RFU
32 (MSB)
EXT
Additional 32 bits feature flags are transmitted
9.5.3.19 STAY QUIET PERSISTENT
Command code = BCh
When receiving the STAY QUIET PERSISTENT command, the label IC enters the
persistent quiet state and will not send back a response.
Remark: The STAY QUIET PERSISTENT command provides the same behavior as the
mandatory STAY QUIET command with the only difference at a reset (power off). The
label IC will turn to the ready state, if the power off time is exceeding the persistent time.
When in PERSISTENT QUIET state:
The label IC will not process any request where the Inventory_flag is set, except
• the AFI_flag is set or
• the QUIET and PERSTENT QUIET flags in the extended mode of the (Fast) Inventory
command are both set.
The label IC will process any
• EAS ALARM request
• addressed or selected request
The label IC will exit the persistent quiet state when:
• reset (power off) exceeding the persistent time,
• receiving a SELECT request. It shall then go to the Selected state.
• receiving a RESET TO READY request. It shall then go to the Ready state.
The STAY QUIET PERSISTENT shall always be executed in addressed mode
(Select_flag is set to 0 and Address_flag is set to 1).
Table 75. STAY PERSISTENT QUIET request format
SOF
Flags
STAY
QUIET
PERSISTENT
IC Mfg
code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com