Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2602 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 35Page - NXP Semiconductors SL2S2602 Datasheet HTML 36Page - NXP Semiconductors SL2S2602 Datasheet HTML 37Page - NXP Semiconductors SL2S2602 Datasheet HTML 38Page - NXP Semiconductors SL2S2602 Datasheet HTML 39Page - NXP Semiconductors SL2S2602 Datasheet HTML 40Page - NXP Semiconductors SL2S2602 Datasheet HTML 41Page - NXP Semiconductors SL2S2602 Datasheet HTML 42Page - NXP Semiconductors SL2S2602 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
39 / 55
9.6 Error handling
9.6.1 Transmission errors
According to ISO/IEC 15693 the label IC will not respond if a transmission error (CRC,
bit coding, bit count, wrong framing) is detected and will silently wait for the next correct
received command.
9.6.2 Not supported commands or options
If the received command or option is not supported, the behavior of the label IC depends
on the addressing mechanism.
9.6.2.1 Non Addressed Mode
The label IC remains silent.
9.6.2.2 Addressed or Selected Mode
The addressed or selected label IC responds with the error code "0Fh" (error with no
information given or error code is not supported).
If the Inventory flag or the Protocol Extension flag is set, the label IC will not respond if
the command or option is not supported.
9.6.3 Parameter out of range
9.6.3.1 Read commands
If the sum of the first block number and the number of blocks exceeds the total available
number of user blocks, the number of transmitted blocks is less than the requested
number of blocks, which means that the last returned block is the highest available user
block, followed by the 16-bit CRC and the EOF.
9.6.3.2 Write and lock commands
If the address of a block to be written does not exist or a block to be written is locked, the
behavior of the label IC depends on the addressing mechanism.
Non Addressed Mode
• The label IC remains silent and aborts the command without writing anything.
Addressed or Selected Mode
• The addressed or selected label IC responds with the error code "0Fh" (error with no
information given or error code is not supported).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com