Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5405 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 43Page - Texas Instruments TMS320UC5405 Datasheet HTML 44Page - Texas Instruments TMS320UC5405 Datasheet HTML 45Page - Texas Instruments TMS320UC5405 Datasheet HTML 46Page - Texas Instruments TMS320UC5405 Datasheet HTML 47Page - Texas Instruments TMS320UC5405 Datasheet HTML 48Page - Texas Instruments TMS320UC5405 Datasheet HTML 49Page - Texas Instruments TMS320UC5405 Datasheet HTML 50Page - Texas Instruments TMS320UC5405 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
Electrical Specifications
47
October 2002 − Revised October 2004
SPRS199B
6.5.3 Multiply-By-N Clock Option (PLL Enabled)
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a factor of N to
generate the internal machine cycle. The selection of the clock mode and the value of N is described in the
clock generator section.
When an external clock source is used, the external frequency injected must conform to specifications listed
in Table 6−3.
NOTE: If an external clock source is used, the CLKIN signal level should not exceed CVDD + 0.3 V.
Table 6−3 and Table 6−4 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 6−4).
Table 6−3. Multiply-By-N Clock Option Timing Requirements†
MIN
MAX
UNIT
Integer PLL multiplier N (N = 1−15)
12.5N
400N
tc(CI)
Cycle time, X2/CLKIN
PLL multiplier N = x.5
12.5N
200N
ns
tc(CI)
Cycle time, X2/CLKIN
PLL multiplier N = x.25, x.75
12.5N
100N
ns
tf(CI)
Fall time, X2/CLKIN
8
ns
tr(CI)
Rise time, X2/CLKIN
8
ns
† N = Multiplication factor
Table 6−4. Multiply-By-N Clock Option Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
12.5
tc(CI)/N†
ns
td(CI-CO)
Delay time, X2/CLKIN high/low to CLKOUT high/low
7
10
20
ns
tf(CO)
Fall time, CLKOUT
4
ns
tr(CO)
Rise time, CLKOUT
4
ns
tw(COL)
Pulse duration, CLKOUT low
H−2
H + 2
ns
tw(COH)
Pulse duration, CLKOUT high
H−2
H + 2
ns
tp
Transitory phase, PLL lock up time
30
ms
† N = Multiplication factor
tc(CO)
tc(CI)
tw(COH)
tf(CO)
tr(CO)
tf(CI)
X2/CLKIN
CLKOUT
td(CI-CO)
tw(COL)
tr(CI)
tp
Unstable
Figure 6−4. External Multiply-by-One Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com