Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5405 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 12Page - Texas Instruments TMS320UC5405 Datasheet HTML 13Page - Texas Instruments TMS320UC5405 Datasheet HTML 14Page - Texas Instruments TMS320UC5405 Datasheet HTML 15Page - Texas Instruments TMS320UC5405 Datasheet HTML 16Page - Texas Instruments TMS320UC5405 Datasheet HTML 17Page - Texas Instruments TMS320UC5405 Datasheet HTML 18Page - Texas Instruments TMS320UC5405 Datasheet HTML 19Page - Texas Instruments TMS320UC5405 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Introduction
16
October 2002 − Revised October 2004
SPRS199B
Table 2−2. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
TYPE†
TERMINAL
NAME
DESCRIPTION
TYPE†
MULTIPROCESSING SIGNALS
BIO
I
Branch control. A branch can be conditionally executed when BIO is active. If low, the processor executes the
conditional instruction. For the XC instruction, the BIO condition is sampled during the decode phase of the
pipeline; all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set low
by the RSBX XF instruction or by loading ST1. XF is used for signaling other processors in multiprocessor
configurations or used as a general-purpose output pin. XF goes into the high-impedance state when EMU1/OFF
is low, and is set high at reset.
MEMORY CONTROL SIGNALS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for accessing
a particular external memory space. Active period corresponds to valid address information. DS, PS, and IS are
placed in the high-impedance state in the hold mode; the signals also go into the high-impedance state when
EMU1/OFF is low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access to
data or program memory. MSTRB is placed in the high-impedance state in the hold mode; it also goes into the
high-impedance state when EMU1/OFF is low.
READY
I
Data ready. READY indicates that an external device is prepared for a bus transaction to be completed. If the
device is not ready (READY is low), the processor waits one cycle and checks READY again. Note that the
processor performs ready detection if at least two software wait states are programmed. The READY signal is
not sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device. R/W is normally
in the read mode (high), unless it is asserted low when the DSP performs a write operation. R/W is placed in the
high-impedance state in hold mode; it also goes into the high-impedance state when EMU1/OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low-level asserted to indicate an external bus access to an I/O
device. IOSTRB is placed in the high-impedance state in the hold mode; it also goes into the high-impedance
state when EMU1/OFF is low.
HOLD
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When acknowledged by the
C54x
, these lines go into the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates that the UC5405 is in a hold state and that the address, data, and control
lines are in the high-impedance state, allowing the external memory interface to be accessed by other devices.
HOLDA also goes into the high-impedance state when EMU1/OFF is low.
PLL/TIMER SIGNALS
CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine cycle
is bounded by the rising edges of this signal. CLKOUT also goes into the high-impedance state when EMU1/OFF
is low.
CLKMD1
CLKMD2
CLKMD3
I
Clock mode-select signals. These inputs select the mode that the clock generator is initialized to after reset. The
logic levels of CLKMD1–CLKMD3 are latched when the reset pin is low, and the clock mode register is initialized
to the selected mode. After reset, the clock mode can be changed through software, but the clock mode-select
signals have no effect until the device is reset again.
X2/CLKIN‡
I
Clock/PLL input. If the internal oscillator is not being used, X2/CLKIN functions as the clock input.
X1
O
Output pin from the internal oscillator for the crystal. If the internal oscillator is not used, X1 should be left
unconnected. X1 does not go into the high-impedance state when EMU1/OFF is low.
TOUT0
O/Z
Timer0 output. TOUT0 signals a pulse when the on-chip timer 0 counts down past zero. The pulse is a CLKOUT
cycle wide. TOUT0 also goes into the high-impedance state when EMU1/OFF is low.
HINT/TOUT1
O/Z
Timer1 output. TOUT1 signals a pulse when the on-chip timer 1 counts down past zero. The pulse is one
CLKOUT cycle wide. The TOUT1 output is multiplexed with the HINT pin of the HPI and is only available when
the HPI is disabled. TOUT1 also goes into the high-impedance state when EMU1/OFF is low.
† I = input, O = output, Z = high impedance, S = supply
‡ If an external clock source is used, the CLKIN signal level should not exceed CVDD + 0.3 V.
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com