Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5405 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 59Page - Texas Instruments TMS320UC5405 Datasheet HTML 60Page - Texas Instruments TMS320UC5405 Datasheet HTML 61Page - Texas Instruments TMS320UC5405 Datasheet HTML 62Page - Texas Instruments TMS320UC5405 Datasheet HTML 63Page - Texas Instruments TMS320UC5405 Datasheet HTML 64Page - Texas Instruments TMS320UC5405 Datasheet HTML 65Page - Texas Instruments TMS320UC5405 Datasheet HTML 66Page - Texas Instruments TMS320UC5405 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
Electrical Specifications
63
October 2002 − Revised October 2004
SPRS199B
Table 6−18. McBSP
Transmit and Receive Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
tc(BCKRX)
Cycle time, BCLKR/X
BCLKR/X int
4H
ns
tw(BCKRXH)
Pulse duration, BCLKR/X high
BCLKR/X int
D − 3‡
D + 2‡
ns
tw(BCKRXL)
Pulse duration, BCLKR/X low
BCLKR/X int
C − 3‡
C + 2‡
ns
td(BCKRH-BFRV)
Delay time, BCLKR high to internal BFSR valid
BCLKR int
−3
6
ns
td(BCKRH-BFRV)
Delay time, BCLKR high to internal BFSR valid
BCLKR ext
7
13
ns
td(BCKXH-BFXV)
Delay time, BCLKX high to internal BFSX valid
BCLKX int
0
6
ns
td(BCKXH-BFXV)
Delay time, BCLKX high to internal BFSX valid
BCLKX ext
5
19
ns
tdis(BCKXH-BDXHZ)
Disable time, BCLKX high to BDX high impedance following last data
BCLKX int
1
6
ns
tdis(BCKXH-BDXHZ)
Disable time, BCLKX high to BDX high impedance following last data
bit of transfer
BCLKX ext
7
13
ns
td(BCKXH-BDXV)
Delay time, BCLKX high to BDX valid
DXENA = 0§
BCLKX int
0
6
ns
td(BCKXH-BDXV)
Delay time, BCLKX high to BDX valid
DXENA = 0§
BCLKX ext
5
19
ns
td(BFXH-BDXV)
Delay time, BFSX high to BDX valid
BFSX int
1
2
ns
td(BFXH-BDXV)
ONLY applies when in data delay 0 (XDATDLY = 00b) mode
BFSX ext
7
18
ns
† CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
‡ T = BCLKRX period = (1 + CLKGDV) * 2H
C =
BCLKRX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2H when CLKGDV is even
D =
BCLKRX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * 2H when CLKGDV is even
§ The transmit delay enable (DXENA) and A-bis mode (ABIS) features of the McBSP are not implemented on the TMS320UC5405.
Minimum delay times also represent minimum output hold times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com