Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047U-HTST Datasheet(PDF) 10 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 10 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 6Page - ams AG AS5047U-HTST Datasheet HTML 7Page - ams AG AS5047U-HTST Datasheet HTML 8Page - ams AG AS5047U-HTST Datasheet HTML 9Page - ams AG AS5047U-HTST Datasheet HTML 10Page - ams AG AS5047U-HTST Datasheet HTML 11Page - ams AG AS5047U-HTST Datasheet HTML 12Page - ams AG AS5047U-HTST Datasheet HTML 13Page - ams AG AS5047U-HTST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
The AS5047U is a Hall-effect magnetic sensor using a CMOS
technology. The Hall sensors convert the magnetic field
component perpendicular to the surface of the chip into
voltage.
The signals from the Hall sensors are amplified and filtered by
the analog front-end (AFE) before being converted by the
analog-to-digital converter (ADC). The output of the ADC is
processed by the hardwired CORDIC (coordinate rotation
digital computer) block to compute the angle and magnitude
of the magnetic vector. The intensity of the magnetic field
(magnitude) used by the automatic gain control (AGC) to adjust
the amplification level for compensation of the temperature
and magnetic field variations.
The AS5047U generates continuously the angle information,
which can be requested by the different interfaces of the device.
The internal 14-bit resolution is available by readout register
via the SPI interface. The resolution on the ABI output can be
programmed for 10 to 14 bits.
The Dynamic Angle Error Compensation block corrects the
calculated angle regarding latency by using a linear prediction
calculation algorithm. At constant rotation speed the latency
time is internally compensated by the AS5047U, reducing the
dynamic angle error at the SPI, ABI and UVW outputs.
The adaptive filter block is implemented after the
compensation block and reduces the transition noise at low
rotation speed. The stable information is available on SPI, ABI
and UVW.
AS5047U allows selecting between a UVW output interface and
a PWM encoded interface on the W pin.
The non-volatile settings in the AS5047U is programmed
through the SPI interface without any dedicated programmer.
The AS5047U can support high-speed application up to
28krpm.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com