Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047U-HTST Datasheet(PDF) 22 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 22 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 18Page - ams AG AS5047U-HTST Datasheet HTML 19Page - ams AG AS5047U-HTST Datasheet HTML 20Page - ams AG AS5047U-HTST Datasheet HTML 21Page - ams AG AS5047U-HTST Datasheet HTML 22Page - ams AG AS5047U-HTST Datasheet HTML 23Page - ams AG AS5047U-HTST Datasheet HTML 24Page - ams AG AS5047U-HTST Datasheet HTML 25Page - ams AG AS5047U-HTST Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
Figure 30:
SPI Write
PAD Word
Any number of PAD [8*n-1:0] bits can precede the MOSI data.
The PAD word is used to allocate the data on MISO to the correct
device.
CRC Checksum
For secure and reliable data transmission, the 24-Bit and 32-Bit
frames have a CRC for verification of correct transmission. The
CRC is calculated out of the payload of SPI frames (e.g.: CRC is
calculated out of bit 23:8 from 24-bit command frame)
The calculation of the CRC is based on Irreducible polynomial
x^8+x^4+x^3+x^2+1 according to standard J1850.
The initialization CRC = 0xFF prevents that 0x000000 is a valid
SPI command. This command would clear all sticky error flags.
Write ADD[n]
DATA (x)
CSn
Write ADD[m]
DATA (ADD[n])
DATA (ADD[m])
DATA (x)
Comm and
Comm and
Data to write into A DD[n]
Data content ADD[n]
Data content ADD[m]
New Data content
of ADD[n]
MOSI
MISO
DATA (y)
Data to write into A DD[m]
Next
command
Comm and
DATA (y)
New Data content
of ADD[m]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com