Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2375IPWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2375IPWR
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2375IPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA2375IPWR Datasheet HTML 27Page - Texas Instruments OPA2375IPWR Datasheet HTML 28Page - Texas Instruments OPA2375IPWR Datasheet HTML 29Page - Texas Instruments OPA2375IPWR Datasheet HTML 30Page - Texas Instruments OPA2375IPWR Datasheet HTML 31Page - Texas Instruments OPA2375IPWR Datasheet HTML 32Page - Texas Instruments OPA2375IPWR Datasheet HTML 33Page - Texas Instruments OPA2375IPWR Datasheet HTML 34Page - Texas Instruments OPA2375IPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
31
OPA375, OPA2375
www.ti.com
SBOS886B – NOVEMBER 2017 – REVISED JANUARY 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
8.3.9 Common Mode Voltage Range
The input common-mode voltage range of the OPAx375 family extends to the negative rail and within 2 V of the
top rail for normal operation. However, this device can also operate with full rail-to-rail input 100 mV beyond the
top rail, but with reduced performance within 2 V of the top rail. The typical performance in this range is
summarized in for the OPA375. You can see the typical input offset voltage of the OPA2375/4375 in the
Figure 43 graph.
Table 4. OPA375 Typical Performance (VS = 5 V, VCM > VS – 1.2 V)
PARAMETER
MIN
TYP
MAX
UNIT
Offset voltage
3
mV
Slew rate
1.5
V/µS
Input voltage noise density at f = 1 kHz
15
nV/
√Hz
8.4 Device Functional Modes
The OPAx375 family has a single functional mode. The OPA2375 and OPA4375 are powered on as long as the
power-supply voltage is between 1.7 V (±0.85 V) and 5.5 V (±2.75 V). The OPA375 is powered on as long as the
power-supply voltage is between 2.25 V (±1.125 V) and 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com