Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2375IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2375IPWR
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2375IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA2375IPWR Datasheet HTML 28Page - Texas Instruments OPA2375IPWR Datasheet HTML 29Page - Texas Instruments OPA2375IPWR Datasheet HTML 30Page - Texas Instruments OPA2375IPWR Datasheet HTML 31Page - Texas Instruments OPA2375IPWR Datasheet HTML 32Page - Texas Instruments OPA2375IPWR Datasheet HTML 33Page - Texas Instruments OPA2375IPWR Datasheet HTML 34Page - Texas Instruments OPA2375IPWR Datasheet HTML 35Page - Texas Instruments OPA2375IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
R1
200 k
R2
200 k
3 V
RF 165 k
RG
3.4 k
VOUT
OPA375
3 V
R1
2.2 k
3 V
Electret
Microphone
CG 68 nF
CG 68 nF
CF 3.3 nF
Copyright © 2017, Texas Instruments Incorporated
32
OPA375, OPA2375
SBOS886B – NOVEMBER 2017 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPAx375 family features 10-MHz bandwidth and 4.75-V/µs slew rate with 890 µA (OPA375), 990 µA
(OPA2375/4375) of supply current per channel, providing good AC performance at low-power consumption. DC
applications are well served with a low input noise voltage of 3.5 nV/
√Hz (OPA2375/4375), 3.7 nV/√Hz (OPA375)
at 10 kHz, low input bias current, and a typical input offset voltage of 0.15 mV.
9.2 Single-Supply Electret Microphone Preamplifier With Speech Filter
Electret microphones are commonly used in portable electronics because of the small size, low cost, and
relatively good signal-to-noise ratio (SNR). The small package size, low operating voltage and AC performance
of the OPA375 make the device a viable option for preamplifier circuits for electret microphones. The circuit
shown in Figure 85 is a single-supply preamplifier circuit for electret microphones.
Figure 85. Microphone Preamplifier
9.2.1 Design Requirements
The design requirements are as follows:
•
Supply voltage: 3 V
•
Input voltage: 7.93 mVRMS (0.63 Pa with a –38-dB SPL microphone)
•
Output: 1 VRMS
•
Bandwidth: 300 Hz to 3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com