Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DHT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
- 1
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
A product overview
DHT12 Digital temperature and humidity sensor is a
calibrated digital output record of temperature and humidity,
DHT11 The upgrade product. Application-specific digital
temperature and humidity sensor module and semiconductor,
ensure high reliability and excellent long-term stability.
DHT12 With a single bus, and standards I2C Two kinds of
communication and single bus communication mode is fully
compatible with DHT11。 Standard bus interface makes it simple
and quick to system integration. With super small size, low power consumption, suitable for a wide
variety of applications.I2C Communication uses standard communication sequence, the user can
directly I2C Communication on the bus, no additional wiring, simple to use. Two way switch, users
are free to choose, easy to use, should be a broad range of areas. Products for the 4 Lead,
convenient connection, provides special packages according to user needs.
Second, the scope of application
Heating, ventilation and air conditioning , Dehumidifier, test and inspection equipment,
consumer products, automotive, automation, data recorders, weather stations, home
appliances, control, Medical and other relative humidity control.
Third, product highlights
Fully interchangeable, low cost, long term stability, relative humidity and temperature
measurement, signal transmission of long distance, digital output, precise calibration, power
consumption is very low, the standard single-wire digital interface, the standard I2C Bus digital
interface, communication can be freely chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com