Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT12 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DHT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
- 5
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
system communication, otherwise I2C Communication after the selected communication
mode, in power during the sensor communication remains the same if you want to change,
as a way, please power on again, and select communication according to operational
requirements. When you select I2C Communication,SCL For the microprocessor DHT12
Communication between the synchronization.
7.4
Serial data (SDA)
SDA PIN for a three-State structure, used for reading and writing data. Specific
communication timing, see the detailed description of the communications.
EightI2C And single-bus communication protocol
DHT12 Serial interface, read sensor signals and power loss, do the optimization. Sensors
with a single bus,
I2C Two way output, communication mode switch, easy to use. Bus to SCL Signal cable power
levels to determine their bus communication mode: when power on SCL Remained low for a
single bus communication mode when power on SCL To maintain a high level I2C
Communication mode. Single main line single bus communication is fully compatible with the
company's other products;I2C Communication in accordance with I2C Standard protocol
address can be directly linked to I2C On the bus (bus allowed only one product), no additional
wiring, operation is very simple. Read DHT12 The sensor, please in strict accordance with the
two types of communication protocols and timing. Specific details see single bus
communication protocol and I2C Communication protocol details.
8.1DHT12 Sensor I2C Communication protocol
DHT12 Support I2C Way to communicate, in full accordance with I2C Standard protocol
prepared, can be linked directly in I2C Bus sensor SDA PIN I2C Data bus,SCL 接 I2C Clock bus,
customers need to both pin a 1KΩ~10KΩPull-up resistor.I2C Address for 0xB8(DEV SEL); I2C
Communication rate cannot be higher than 400KHZ。
BYTE ADDR
R/W
Desc.
Note
0x00
R
Humidity integral
digits
Relative humidity
values
0x01
R
Humidity scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com