Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DHT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
- 4
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
图 2:25 ℃时 DHT12 Relative humidity maximum error 图 3: Temperature sensor temperature Max
errors
Six, electrical characteristics
Electrical characteristics, such as energy consumption, high and low level input and output
voltage, depending on the power supply. Table 3 Details DHT12 The electrical characteristics,
without marking, it means that the power supply voltage is 12V。
表 3: DHT12 DC characteristics.
Seven, interface definition
7.1 DHT12 Pin assignments
表 4
: DHT12 Pin assignments
图 4:DHT12Wiring diagram
7.2 Power supply pins (VDD GND)
DHT12 The supply voltage range 2.7V - 5.5V。
7.3
Serial clock input (SCL)
SCL Pins are used for selection of the means of communication and I2C Communication
clock line. Dang SCL After power remained low, indicating that the user select a single bus
1
低电平输出电流。
2
表示上接电阻。
PIN
The
name
描 述
1
VDD
Power supply (2.7V-5.5V)
2
SDA
Serial data, bi-directional
3
GND
地
4
SCL
Serial clock input(Single bus grounding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com