Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DHT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
- 3
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
Repeatabilit
y
±
0.3
%R
H
Measuring
range
-
20
60
℃
Interchange
ability
Fully interchangeable
Repeatabilit
y
±
0.2
℃
Response
time 1
1/e(63%)
<2
0
S
Interchange
ability
Fully interchangeable
Hysteresis
±
0.5
%R
H
Response
time
1/e(63%)
<
20
S
Drift 23
Typical
value
<0
.5
%RH
/yr
Drift
±
0.1
℃/y
r
供电电压
2.7
5
5.5
V
功耗 4
休眠
30
µA
测量
800
µA
平均
150
µA
低电平输出电压
IOL5
0
300
mV
高电平输出电压
Rp<25 kΩ
90%
100%
VDD
低电平输入电压
下降
0
30%
VDD
高电平输入电压
上升
70%
100%
VDD
Rpu6
VDD = 5V
VIN = VSS
1
4.7
10
kΩ
输出电流
开
8
mA
三态(关
)
10
20
µA
采样周期
2
S
1
在 25℃和 1m/s 气流的条件下,达到一阶响应 63%所需要的时间。
2
在挥发性有机混合物中数值可能会高一些。见说明书应用储存信息。
3
此数值为 VDD =5.0V 在温度为 25℃时,2S/ 次,条件下的平均值。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com