Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPN12AD02-FU Datasheet(PDF) 6 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 6 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Rev. P05
6
VPN12AD02-FU
ELECTRICAL SPECIFICATIONS: (Cont.)
Conditions: TA = 25 ºC, unless otherwise specified.
For CC mode, VIN = 12V, Cin =10uF/50V/1210/X7R x 2, Cout = 10uF/50V/1210/X7R x 2.
For CV mode, VIN = 12V, VOUT=12V, Cin =10uF/X7R x 2 + 82uF EP-CAP, Cout = 22uF/X7R x 2 + 270uF EP-CAP
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Control Input Characteristics
VPWI_ON
PWMI Turn On
Threshold
2
-
-
V
VPWI_OFF
PWMI Turn Off
Threshold
-
-
0.8
V
VSSP_ON
Rising threshold voltage
2
-
-
V
VSSP_OFF
Falling threshold
voltage
-
-
0.8
V
Fault Protection
VEN/INUVLOTH Input Under voltage
Falling Threshold
1.55
1.75
1.95
V
VEN/INUVLO_HYS Input Over voltage
Threshold Hysteresis
-
90
-
mV
VVFB_VOTH
VFB Over Voltage
Threshold
1.41
1.46
1.51
V
VVFB_VOTH
_HYS
VFB Over Voltage
Threshold Hysteresis
-
40
-
mV
VVFB_S2G
Short to GND Threshold
VFB decreasing
0.52
0.563
0.6
V
TJ_SD
Over Temperature
Shutdown
-
175
-
°
C
TJ_SD_HYST Over Temperature
Shutdown Hysteresis
-
10
-
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com