Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPN12AD02-FU Datasheet(PDF) 10 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 10 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Rev. P05
10
VPN12AD02-FU
TYPICAL PERFORMANCE CHARACTERISTICS: Constant Voltage Mode
Conditions: TA = 25 ºC, unless otherwise specified. Test Board Information: 75mm×58mm, 2 layers 2oz.
VOUT=12V, Cin =10uF/X7R x 2 + 82uF EP-CAP, Cout = 22uF/X7R x 2 + 270uF EP-CAP
FIG.19 Load Transient
(VIN=36V, VOUT=12V, Load=0 to 2A)
FIG.20 Load Transient
(VIN=36V, VOUT=12V, Load=2A to 4A)
FIG.21 Enable on
(VIN=8V, VOUT=12V, Load=0A)
FIG.22 Enable on
(VIN=8V, VOUT=12V, Load=2A)
FIG.23 Load Transient
(VIN=8V, VOUT=12V, Load=0 to 2A)
FIG.24 Load Transient
(VIN=8V, VOUT=12V, Load=2A to 4A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com