Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPN12AD02-FU Datasheet(PDF) 15 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 15 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 16Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 17Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 18Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 19Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Rev. P05
15
VPN12AD02-FU
Digital Dimming:
The PWMI pin can be fed with a pulse width modulated (PWM) signals, this enables when
HIGH and disables when LOW the gate drivers of the main switches.
To avoid unwanted output overshoots due to not soft start assisted startups, PWM dimming in
LOW state should not be used to suspend the output current for long time intervals. To stop in
a safe manner EN/INUVLO=LOW can be used. Following shows the timing diagram of LED
PWM dimming and start up behavior example.
FIG.33 Timing Diagram LED Dimming and Start up behavior example
Analog Dimming:
The analog dimming feature SET pin can adjust the average load current level via the control
of the feedback error Amplifier voltage (VFBH-FBL). The VSET range where analog dimming is
enabled is from 200 mV to 1.5 V. The linear average output current can be adjusted by
controlling the voltage at the SET pin between 0.2 V and 1.4 V. The mathematical relation is
given as following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com