Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPN12AD02-FU Datasheet(PDF) 19 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 19 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 16Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 17Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 18Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 19Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 20Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 21Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 22Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Rev. P05
19
VPN12AD02-FU
REFLOW PARAMETERS:
Lead-free soldering process is a standard of electronic products production. Solder alloys like Sn/Ag,
Sn/Ag/Cu and Sn/Ag/Bi are used extensively to replace the traditional Sn/Pb alloy. Sn/Ag/Cu alloy
(SAC) is recommended for this power module process. In the SAC alloy series, SAC305 is a very
popular solder alloy containing 3% Ag and 0.5% Cu and easy to obtain. Following figure shows an
example of the reflow profile diagram. Typically, the profile has three stages. During the initial stage
from room temperature to 150°C, the ramp rate of temperature should not be more than 3°C/sec. The
soak zone then occurs from 150°C to 200°C and should last for 60 to 120 seconds. Finally, keep at over
217°C for 60 seconds limit to melt the solder and make the peak temperature at the range from 240°C
to 250°C. It is noted that the time of peak temperature should depend on the mass of the PCB board.
The reflow profile is usually supported by the solder vendor and one should adopt it for optimization
according to various solder type and various manufacturers’ formulae.
FIG.39 Recommendation Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com