Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-024MATR Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-024MATR Datasheet(HTML) 3 Page - Infineon Technologies AG

  IRSM836-024MATR Datasheet HTML 1Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 2Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 3Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 4Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 5Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 6Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 7Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 8Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IRSM836-024MA
3
www.irf.com
© 2013 International Rectifier
February 3, 2013
Recommended Operating Conditions
Symbol
Description
Min
Max
Unit
V+
Positive DC Bus Input Voltage
---
200
V
VS1,2,3
High Side Floating Supply Offset Voltage
(Note 3)
200
V
VB1,2,3
High Side Floating Supply Voltage
VS+12
VS+20
V
VCC
Low Side and Logic Supply Voltage
13.5
16.5
V
VIN
Input Voltage of LIN, HIN, ITRIP, EN, FLT
0
5
V
Fp
PWM Carrier Frequency
---
20
kHz
The Input/Output logic diagram is shown in Figure 1. For proper operation the module should be used within the
recommended conditions. All voltages are absolute referenced to COM. The VS offset is tested with all supplies biased at 15V
differential.
Note 3: Logic operational for Vs from COM-5V to COM+250V. Logic state held for Vs from COM-5V to COM-VBS.
Static Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25
oC unless otherwise specified. The V
IN and IIN parameters are referenced to VSS and are
applicable to all six channels. The V
CCUV parameters are referenced to VSS. The VBSUV parameters are referenced to VS.
Symbol
Description
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
250
---
---
V
TJ=25°C, ILK=250µA
ILKH
Leakage Current of High Side FET’s in
Parallel
10
µA
TJ=25°C, VDS=250V
ILKL
Leakage Current of Low Side FET’s in
Parallel Plus Gate Drive IC
15
µA
TJ=25°C, VDS=250V
RDS(ON)
Drain to Source ON Resistance
---
2.0
2.4
Ω
TJ=25°C, VCC=15V, ID=1A
VIN,th+
Positive Going Input Threshold
2.5
---
---
V
VIN,th-
Negative Going Input Threshold
---
---
0.8
V
VCCUV+,
VBSUV+
VCC and VBS Supply Under-Voltage,
Positive Going Threshold
8
8.9
9.8
V
VCCUV-,
VBSUV-
VCC and VBS supply Under-Voltage,
Negative Going Threshold
7.4
8.2
9
V
VCCUVH,
VBSUVH
VCC and VBS Supply Under-Voltage
Lock-Out Hysteresis
---
0.6
---
V
IQBS
Quiescent VBS Supply Current VIN=0V
---
---
125
µA
IQCC
Quiescent VCC Supply Current VIN=0V
---
---
3
mA
IQCC, ON
Quiescent VCC Supply Current VIN=4V
---
---
10
mA
IIN+
Input Bias Current VIN=4V
---
100
160
µA
IIN-
Input Bias Current VIN=0V
---
--
1
µA
ITRIP+
ITRIP Bias Current VITRIP=4V
---
5
40
µA
ITRIP-
ITRIP Bias Current VITRIP=0V
---
--
1
µA
VIT, TH+
ITRIP Threshold Voltage
0.37
0.47
0.55
V
VIT, TH-
ITRIP Threshold Voltage
---
0.4
---
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com