Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-024MATR Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-024MATR Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IRSM836-024MATR Datasheet HTML 9Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 10Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 11Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 12Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 13Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 14Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 15Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 16Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IRSM836-024MA
13
www.irf.com
© 2013 International Rectifier
February 3, 2013
Current Capability in a Typical Application
Figure 6 shows the current capability for this module at specified conditions. The current capability of the
module is affected by application conditions including the PCB layout, ambient temperature, maximum PCB
temperature, modulation scheme, PCB copper thickness and so on. The curves below were obtained from
measurements carried out on the IRMCS1471_R4 reference design board which includes the IRSM836-024MA
and IR’s IRMCK171 digital control IC.
0
100
200
300
400
500
600
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
V+ = 150V, ∆Tca = 70°C
1oz, 3P
2oz, 3P
1oz, 2P
2oz, 2P
0
50
100
150
200
250
300
350
400
450
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
V+ = 150V, ∆Tca = 40°C
1oz, 3P
2oz, 3P
1oz, 2P
2oz, 2P
Figure 6: Maximum Sinusoidal Phase Current vs. PWM Switching Frequency
Sinusoidal Modulation, V
+=150V, PF=0.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com