Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-024MATR Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-024MATR Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRSM836-024MATR Datasheet HTML 1Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 2Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 3Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 4Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 5Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 6Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 7Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 8Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IRSM836-024MA
1
www.irf.com
© 2013 International Rectifier
February 3, 2013
2A, 250V
Integrated Power Module for
Small Appliance Motor Drive Applications
Description
IRSM836-024MA is a 2A, 250V Integrated Power Module (IPM) designed for advanced appliance motor drive
applications such as energy efficient fans and pumps. IR's technology offers an extremely compact, high
performance AC motor-driver in an isolated package. This advanced IPM offers a combination of IR's low RDS(on)
Trench MOSFET technology and the industry benchmark 3-phase high voltage, rugged driver in a small PQFN
package. At only 12x12mm and featuring integrated bootstrap functionality, the compact footprint of this surface-
mount package makes it suitable for applications that are space-constrained. Integrated over-current protection,
fault reporting and under-voltage lockout functions deliver a high level of protection and fail-safe operation.
IRSM836-024MA functions without a heat sink.
Features
•
Integrated gate drivers and bootstrap functionality
•
Open-source for leg-shunt current sensing
•
Protection shutdown pin
•
Low RDS(on) Trench MOSFET
•
Under-voltage lockout for all channels
•
Matched propagation delay for all channels
•
Optimized dV/dt for loss and EMI trade offs
•
3.3V Schmitt-triggered active high input logic
•
Cross-conduction prevention logic
•
Motor power range up to ~95W, without heat sink
•
Isolation 1500VRMS min
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRSM836-024MA
36L
PQFN 12 x 12 mm
Tape and Reel
2000
IRSM836-024MATR
Tray
800
IRSM836-024MA
All part numbers are PbF
IRSM836-024MA


Similar Part No. - IRSM836-024MATR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-024MATR IRF-IRSM836-024MATR Datasheet
508Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
More results

Similar Description - IRSM836-024MATR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
IRSM505-025 IRF-IRSM505-025_15 Datasheet
907Kb / 16P
Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com