Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-024MATR Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-024MATR Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRSM836-024MATR Datasheet HTML 1Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 2Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 3Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 4Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 5Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 6Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 7Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 8Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IRSM836-024MA
2
www.irf.com
© 2013 International Rectifier
February 3, 2013
Internal Electrical Schematic
IRSM836-024MA
600V
3-Phase
Driver
HVIC
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
ITRIP
EN
VB1 VB2 VB3
V+
VSS
U, VS1
V, VS2
W, VS3
RCIN
VRU
COM
VRV
VRW
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are not tested at
manufacturing. All voltage parameters are absolute voltages referenced to VSS unless otherwise stated in the table.
Symbol
Description
Min
Max
Unit
BVDSS
MOSFET Blocking Voltage
---
250
V
IO @ T=25°C
DC Output Current per MOSFET
---
2
A
IOP
Pulsed Output Current (Note 1)
---
7
Pd @ TC=25°C
Maximum Power Dissipation per MOSFET
---
16
W
VISO
Isolation Voltage (1min) (Note 2)
---
1500
VRMS
TJ
Operating Junction Temperature
-40
150
°C
TL
Lead Temperature (Soldering, 30 seconds)
---
260
°C
TS
Storage Temperature
-40
150
°C
VS1,2,3
High Side Floating Supply Offset Voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High Side Floating Supply Voltage
-0.3
250
V
VCC
Low Side and Logic Supply voltage
-0.3
20
V
VIN
Input Voltage of LIN, HIN, ITRIP, EN, RCIN, FLT
VSS -0.3
VCC+0.3
V
Note 1: Pulse Width = 100µs, TC =25°C, Duty=1%.
Note 2: Characterized, not tested at manufacturing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com