Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 20Page - Infineon Technologies AG TLE5014 Datasheet HTML 21Page - Infineon Technologies AG TLE5014 Datasheet HTML 22Page - Infineon Technologies AG TLE5014 Datasheet HTML 23Page - Infineon Technologies AG TLE5014 Datasheet HTML 24Page - Infineon Technologies AG TLE5014 Datasheet HTML 25Page - Infineon Technologies AG TLE5014 Datasheet HTML 26Page - Infineon Technologies AG TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Final Datasheet
24
Rev. 1.0
2018-04-04
TLE5014
Interfaces
4
Interfaces
This chapter describes the interfaces of the sensor. Several interfaces are implemented, the active interface is
predefined by Infineon and can not be changed. The available preconfigured devices are described in
Chapter 6. The indicated parameters apply to the full operating range, unless otherwise specified. The typical
values correspond to a supply voltage VDD = 5.0V and an ambient temperature of TA = 25°C, unless individually
specified. All other values correspond to -40°C < TA < 125°C
4.1
Sensor Output Driver
The TLE5014 has an output driver on the pin IFB which can be switched from a push-pull configuration to a
quasi-open drain with active controlled slope.
• The push-pull configuration is preferred with SENT and PWM interface. It has controlled rising and falling
slopes to reduce EMC emission and provides a controlled and defined pulse length independent of
external circuitry. The push-pull output driver switches between 0V and VDD. An additional pull-down or
pull-up resistor is recommended to ensure a defined output level at sensor start-up.
• For the SPC interface the open drain setting with controlled slopes is required. In this configuration, the
TLE5014 has controlled rising and falling slopes but after reaching the HIGH-level, the output is switched
to an open-drain behavior. The HIGH level is then maintained by the external pull-up resistor. It is
necessary, that the sensor releases the output line once reaching the HIGH level so that the master (µ-
Controller) can issue the SPC trigger pulse by pulling the line low.
4.2
Pulse Width Modulation (PWM) Interface
PWM Interface: An uni-directional interface with the angle information coded in the length of a pulse. The
angle value is proportional to the duty cycle of the output frequency.
The duty cycle is calculated as the ratio of the “high” time to the period length. An increasing angle results in
an increased duty cycle, with an angle of 0° having the smallest duty cycle.
The starting edge of the PWM protocol can be programmed as rising or falling edge. In case the protocol shall
start with a rising edge (start with a LOW level), a pull-down resistor is required (see Figure 2-2). For the start-
up condition with a falling edge (start with a HIGH level), a pull-up resistor instead has to be implemented.
The tolerance of the programmed PWM frequency over temperature and lifetime is given in Table 4-2
Table 4-1
PWM Interface
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
PWM output frequencies
fPWM1
200
2200
Hz
configurable
Resolution
12
bit
Data duty cycle range
DCdata
5
95
%
configurable, the 12bit angle
value is mapped to this duty
cycle range
Diagnostic duty cycle, low1)
1) Care has to be taken to ensure that there is no overlap of diagnostic duty cycle and data duty cycle range
DCdiag,low
0
25
%
configurable, fault indication
Diagnostic duty cycle, high1) DCdiag,high
75
100
%
configurable, BIST error
indication or reset indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com