Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG TLE5014 Datasheet HTML 18Page - Infineon Technologies AG TLE5014 Datasheet HTML 19Page - Infineon Technologies AG TLE5014 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
V_out
VDD
4.2
5.5
6.5
4.1
5.7
7.0
8.0
No output
Sensor
reset
No output
No output
Operating
range
Final Datasheet
16
Rev. 1.0
2018-04-04
TLE5014
Specification
Figure 3-2 Operating area and sensor reaction for over- and undervoltage.
Table 3-8
Output driver
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Output low level1)
VOL
0.1*VDD
VDD = 5V, Isink = 0.1mA (SENT spec)
Output low level1)
VOL
0.2*VDD
VDD = 5V, Isink = 2mA
Output low level1)
VOL
0.3*VDD
VDD = 5V, Isink = 3mA
Output high level1)
1) In case several sensors are connected in a bus mode, the output levels may be influenced and out of specification in
case a malfunction of one of the sensors on the bus occurs (e.g. one sensors has loss of VDD).
VOH
0.9*VDD
VDD = 5V, Isink = 0.1mA (SENT spec)
Output high level1)
VOH
0.8*VDD
VDD = 5V, Isink = 2mA
Output high level1)
VOH
0.7*VDD
VDD = 5V, Isink = 3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com