Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG TLE5014 Datasheet HTML 18Page - Infineon Technologies AG TLE5014 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Final Datasheet
15
Rev. 1.0
2018-04-04
TLE5014
Specification
3.3
Electrical Characteristics
3.3.1
Input/Output Characteristics
The indicated parameters apply to the full operating range, unless otherwise specified. The typical values
correspond to a supply voltage VDD = 5.0V and an ambient temperature TA = 25°C, unless individually specified.
All other values correspond to -40°C < TA < 125°C.
The following Figure 3-2 shows the operating area of the device, the condition for overvoltage and
undervoltage and the corresponding sensor reaction. The values for the over- and undervoltage comparators
are the typical values from Table 3-7.
In the extended range, the sensor fulfills the full specification. However, voltages above the operating range
can only be applied for a limited time (see Table 3-1).
Table 3-7
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating Supply Current
IDD
12
15
mA
-
Time between supply voltage
reaches reset value and valid
angle value is available on the
output (without interface
delay
tPon
7ms
Overvoltage detection on VDD VOV
6.5
7.0
V
in an overvoltage condition
the output switches to tri-
state
Undervoltage detection on VDD VUV
3.8
4.1
V
in an undervoltage condition
the sensor performs a reset
Overvoltage detection on IFB VOB
1.5V+VDD
in an overvoltage condition
the output switches to tri-
state
Ripple Current due to PWM
slopes
Iripple
9mA
peak-peak; VDD= 5V,
30kHz lowpass filter
Ripple Current due to SENT
slopes
Iripple
9mA
peak-peak; VDD= 5V,
30kHz lowpass filter
Internal clock tolerance
Δfclock
-5
5
%
including temperature and
lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com