Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 25Page - Infineon Technologies AG TLE5014 Datasheet HTML 26Page - Infineon Technologies AG TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Synchronisation
Frame
Trigger Nibble
µC Activity
Sensor Activity
90 UT
56 UT
12 … 27 UT
12 … 27 UT
Status Nibble
Data Nibble 1
12 … 27 UT
12 UT
CRC
End
pulse
tframe,blanking
Synchronisation
Frame
Trigger Nibble
µC Activity
Sensor Activity
90 UT
56 UT
12 … 27 UT
12 … 27 UT
Status Nibble
Data Nibble 1
12 … 27 UT
CRC
End
pulse
tframe,blanking
Final Datasheet
29
Rev. 1.0
2018-04-04
TLE5014
Interfaces
Figure 4-4 SPC blanking time in case of same ID triggered
Figure 4-5 SPC blanking time in case of different IDs are triggered
The nibble low time tlow can be configured to be 3UT or 5UT. This can reduce the overall frame length. The low
time includes the fall time of the edge, therefore it has to be ensured that the fall time of the edge is fast
enough to reach the low level within the configured low time (Figure 4-6).
Table 4-8
SPC blanking time
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SPC blanking time
tframe,blanking
12UT
1) same ID is triggered,
measured from falling edge of
end pulse
1) Not subject to production test - verified by design/characterization
SPC blanking time
tframe,blanking
50µs
1) different ID’s are triggered,
measured from rising edge
(50%) of end pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com