Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128GS Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 23Page - STMicroelectronics M58LT128GS Datasheet HTML 24Page - STMicroelectronics M58LT128GS Datasheet HTML 25Page - STMicroelectronics M58LT128GS Datasheet HTML 26Page - STMicroelectronics M58LT128GS Datasheet HTML 27Page - STMicroelectronics M58LT128GS Datasheet HTML 28Page - STMicroelectronics M58LT128GS Datasheet HTML 29Page - STMicroelectronics M58LT128GS Datasheet HTML 30Page - STMicroelectronics M58LT128GS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
M58LT128GST, M58LT128GSB
4 Command Interface
27/98
The Read Electronic Signature command is required to read the updated contents of the
Configuration Register.
Table 5.
Standard Commands
Commands
Bus Operations(1)
1.
X = Don't Care, WA=Word Address in targeted bank, RD=Read Data, SRD=Status Register Data, ESD=Electronic
Signature Data, QD=Query Data, BA=Block Address, BKA= Bank Address, PD=Program Data, PRA = Protection Register
Address, PRD = Protection Register Data, CRD=Configuration Register Data.
1st Cycle
2nd Cycle
Op.
Add
Data
Op.
Add
Data
Read Array
1+
Write
BKA
FFh
Read
WA
RD
Read Status Register
1+
Write
X
70h
Read
BKA(2)
2.
Must be same bank as in the first cycle. The signature addresses are listed in Table 7
SRD
Read Electronic Signature
1+
Write
X
90h
Read
BKA(2)
ESD
Read CFI Query
1+
Write
BKA
98h
Read
BKA(2)
QD
Clear Status Register
1
Write
BKA
50h
Block Erase
2
Write
BKA or
BA(3)
3.
Any address within the bank can be used.
20h
Write
BA
D0h
Program
2
Write
BKA or
WA(3)
40h or 10h
Write
WA
PD
Buffer Program
n+4
Write
BA
E8h
Write
BA
n
Write
PA1
PD1
Write
PA2
PD2
Write
PAn+1
(4)
4.
n+1 is the number of Words to be programmed.
PDn+1
(4)
Write
X
D0h
Program/Erase Suspend
1
Write
X
B0h
Protection Register Program
2
Write
PRA
C0h
Write
PRA
PRD
Program/Erase Resume
1
Write
X
D0h
Set Configuration Register
2
Write
CRD
60h
Write
CRD
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com