Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1100 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMCS1100 Datasheet HTML 12Page - Texas Instruments TMCS1100 Datasheet HTML 13Page - Texas Instruments TMCS1100 Datasheet HTML 14Page - Texas Instruments TMCS1100 Datasheet HTML 15Page - Texas Instruments TMCS1100 Datasheet HTML 16Page - Texas Instruments TMCS1100 Datasheet HTML 17Page - Texas Instruments TMCS1100 Datasheet HTML 18Page - Texas Instruments TMCS1100 Datasheet HTML 19Page - Texas Instruments TMCS1100 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
S
PSRR
IN
PSRR * (V
5)
S
e
(%)
I
NL
NL
FS
V
e
100% *
V
q
'
P
§
· u '
¨
¸
q
©
¹
OS
OS,25 C
OS,drift
I
, T
IN
A
I
I
T
C
e
%
I
OS
OE
I
V
/ S
OE
OUT,0A
REF
V
V
V
16
TMCS1100
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Accuracy Parameters (continued)
The output voltage offset error of the TMCS1100 is the error in the zero current output voltage from the VREF
pin voltage as in Equation 3.
where
•
VOUT,0A is the device output voltage with zero input current.
(3)
The offset error includes the magnetic offset of the Hall sensor and any offset voltage errors of the signal chain.
The input referred (RTI) offset error is the output voltage offset error divided by the sensitivity of the device,
shown in Equation 4. Refer the offset error to the input of the device to allow for easier total error calculations
and direct comparison to input current levels. No matter how the calculations are done, the error sources
quantified by VOE and IOS are the same, and should only be included once for error calculations.
(4)
Offset error drift is the change in the input-referred offset error per degree Celsius change in ambient
temperature. This parameter is reported in µA/°C. To convert offset drift to an absolute offset for a given change
in temperature, multiply the drift by the change in temperature and convert to percentage, as in Equation 5.
where
•
IOS,drift is the specified input-referred device offset drift.
•
ΔT is the temperature range from 25°C.
(5)
8.1.3 Nonlinearity Error
Nonlinearity is the deviation of the output voltage from a linear relationship to the input current. Nonlinearity
voltage, as shown in Figure 25, is the maximum voltage deviation from the best-fit line based on measured
parameters, calculated by Equation 6.
VNL = VOUT,MEAS – (IMEAS × Sfit + VOUT,0A)
where
•
VOUT,MEAS is the voltage output at maximum deviation from best fit.
•
IMEAS is the input current at maximum deviation from best fit.
•
Sfit is the best-fit sensitivity of the device.
•
VOUT,0A is the device zero current output voltage.
(6)
Nonlinearity error (eNL) for the TMCS1100 is the nonlinearity voltage specified as a percentage of the full-scale
output range (VFS), as shown in Equation 7.
(7)
8.1.4 Power Supply Rejection Ratio
Power supply rejection ratio (PSRR) is the change in device offset due to variation of supply voltage from the
nominal 5 V. The error contribution at the input current of interest can be calculated by Equation 8.
where
•
VS is the operational supply voltage.
•
S is the device senstivity.
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com