Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1100 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMCS1100 Datasheet HTML 35Page - Texas Instruments TMCS1100 Datasheet HTML 36Page - Texas Instruments TMCS1100 Datasheet HTML 37Page - Texas Instruments TMCS1100 Datasheet HTML 38Page - Texas Instruments TMCS1100 Datasheet HTML 39Page - Texas Instruments TMCS1100 Datasheet HTML 40Page - Texas Instruments TMCS1100 Datasheet HTML 41Page - Texas Instruments TMCS1100 Datasheet HTML 42Page - Texas Instruments TMCS1100 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
11 Power Supply Recommendations
The TMCS1100 only requires a power supply (VS) on the low-voltage isolated side, which powers the analog
circuitry independent of the isolated current input. VS determines the full-scale output range of the analog output
VOUT, and can be supplied with any voltage between 3 V and 5.5 V. To filter noise in the power-supply path,
place a low-ESR decoupling capacitor of 0.1 uF between VS and GND pins as close as possible to the supply
and ground pins of the device. To compensate for noisy or high-impedance power supplies, add more decoupling
capacitance.
The TMCS1100 power supply VS can be sequenced independently of current flowing through the input. However,
there is a typical 25ms delay between VS reaching the recommended operating voltage and the analog output
being valid. Within this delay VOUT transfers from a high impedance state to the active drive state, during which
time the output voltage could transition between GND and VS. If this behavior must be avoided, a stable supply
voltage to VS should be provided for longer than 25ms prior to applying input current.
12 Layout
12.1 Layout Guidelines
The TMCS1100 is specified for a continuous current handling capability on the TMCS1100EVM, which uses 3-oz
copper pour planes. This current capability is fundamentally limited by the maximum device junction temperature
and the thermal environment, primarily the PCB layout and design. To maximize current-handling capability and
thermal stability of the device, take care with PCB layout and construction to optimize the thermal capability.
Efforts to improve the thermal performance beyond the design and construction of the TMCS1100EVM can result
in increased continuous-current capability due to higher heat transfer to the ambient environment. Keys to
improving thermal performance of the PCB include:
•
Use large copper planes for both input current path and isolated power planes and signals.
•
Use heavier copper PCB construction.
•
Place thermal via farms around the isolated current input.
•
Provide airflow across the surface of the PCB.
The TMCS1100 senses external magnetic fields, so make sure to minimize adjacent high-current traces in close
proximity to the device. The input current trace can contribute additional magnetic field to the sensor if the input
current traces are routed parallel to the vertical axis of the package. Figure 51 illustrates the most optimal input
current routing into the TMCS1100. As the angle that the current approaches the device deviates from 0° to the
horizontal axis, the current trace contributes some additional magnetic field to the sensor, increasing the effective
sensitivity of the device. If current must be routed parallel to the package vertical axis, move the routing away
from the package to minimize the impact to the sensitivity of the device. Terminate the input current path directly
underneath the package lead footprint, and use a merged copper input trace for both the IN+ and IN– inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com