Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1100 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMCS1100 Datasheet HTML 39Page - Texas Instruments TMCS1100 Datasheet HTML 40Page - Texas Instruments TMCS1100 Datasheet HTML 41Page - Texas Instruments TMCS1100 Datasheet HTML 42Page - Texas Instruments TMCS1100 Datasheet HTML 43Page - Texas Instruments TMCS1100 Datasheet HTML 44Page - Texas Instruments TMCS1100 Datasheet HTML 45Page - Texas Instruments TMCS1100 Datasheet HTML 46Page - Texas Instruments TMCS1100 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Jun-2020
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PMCS1100A1QDR
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
PMCS1100A2QDR
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
PMCS1100A3QDR
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
PMCS1100A4QDR
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
TMCS1100A1QDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A1
TMCS1100A1QDT
ACTIVE
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A1
TMCS1100A2QDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A2
TMCS1100A2QDT
ACTIVE
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A2
TMCS1100A3QDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A3
TMCS1100A3QDT
ACTIVE
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A3
TMCS1100A4QDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A4
TMCS1100A4QDT
ACTIVE
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
1100A4
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com