Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 2 Page - Texas Instruments

  TMCS1100 Datasheet HTML 1Page - Texas Instruments TMCS1100 Datasheet HTML 2Page - Texas Instruments TMCS1100 Datasheet HTML 3Page - Texas Instruments TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
TMCS1100
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Power Ratings........................................................... 5
7.6
Insulation Specifications............................................ 6
7.7
Safety-Related Certifications..................................... 6
7.8
Safety Limiting Values .............................................. 7
7.9
Electrical Characteristics........................................... 8
7.10
Typical Characteristics .......................................... 10
8
Parameter Measurement Information ................ 15
8.1
Accuracy Parameters.............................................. 15
8.2
Transient Response Parameters ............................ 18
8.3
Safe Operating Area ............................................... 20
9
Detailed Description ............................................ 23
9.1
Overview ................................................................. 23
9.2
Functional Block Diagram ....................................... 23
9.3
Feature Description................................................. 23
9.4
Device Functional Modes........................................ 29
10
Application and Implementation........................ 30
10.1
Application Information.......................................... 30
10.2
Typical Application ................................................ 35
11
Power Supply Recommendations ..................... 39
12
Layout................................................................... 39
12.1
Layout Guidelines ................................................. 39
12.2
Layout Example .................................................... 41
13
Device and Documentation Support ................. 42
13.1
Device Support .................................................... 42
13.2
Documentation Support ....................................... 42
13.3
Receiving Notification of Documentation Updates 42
13.4
Support Resources ............................................... 42
13.5
Trademarks ........................................................... 42
13.6
Electrostatic Discharge Caution ............................ 42
13.7
Glossary ................................................................ 42
14
Mechanical, Packaging, and Orderable
Information ........................................................... 42
4 Revision History
Changes from Original (September 2019) to Revision A
Page
•
Changed data sheet status from Production Mixed to Production Data ............................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com